Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download 7810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220 ??? voltage regulator in a to-220 plastic package. ?? 1.5a, ??? 3-terminal regulators ,output current up to 1.5 a, internal thermal overload protection and short-circuit limiting. ? voltage regulator. ? / ?? / equivalent circuit or application circuit pin1 in pin 2 gnd pin 3 out ? / marking ?? see marking instructions / descriptions / features ? / applications / pinning 1 3 2
7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit input voltage difference v i 35 v junction-to-ambient r ja 50 /w junction-to-case r jc 5.0 /w operating temperature range t opr 0 125 storage temperature range t stg -65 150  parameter symbol test conditions ? min ? typ ? max unit line regulation v o t j =25 9.6 10 10.4 v vi=12.5v-26v io=5ma-1a po 15w 9.5 10 10.5 load regulation vo t j =25 io=5.0ma-1.5a 200 mv t j =25 io=250ma-750ma 100 load regulation vo t j =25 v i =12.5v-26v 200 mv t j =25 vi=13.5v-19v 100 bias current id t j =25 8.0 ma bias current change id vi=12.5v-26v 1.0 ma io=5.0ma-1.0a 0.5 ma ratio of change in vref to cathode voltage vo/ t io=5.0ma -1.0 mv/ rms noise vs. %of vout en b=10hz-100khz t j =25 70 v/vo ripple rejection svr vi=13v-23v f=120hz 55 db dropout voltage vd io=1a t j =25 2.0 v output regulation ro f=1khz 17 m ? short circuit current limit isc vi=35v t j =25 0.40 a short circuit current limit iscp t j =25 2.2 a ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? cw7810 ??? **** ???? note: br: company code. cw7810: product type. ****: lot no. code, code change with lot no. br cw7810 ****
7810 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm3) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of 7810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X